Part Number Hot Search : 
1680762 MAX32 AN7512SH 1N6168US AMP03 CSNND10 AD9508 URAM2C22
Product Description
Full Text Search
 

To Download BAT54-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bat54, bat54a, bat54c, bat54s www.vishay.com vishay semiconductors rev. 1.9, 25-feb-13 1 document number: 85508 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 small signal schottky diodes, single and dual features ? these diodes feature very low turn-on voltage and fast switching ? these devices are protected by a pn junction guard ring against excessive voltage, such as electrostatic discharges ? aec-q101 qualified ? base p/n-e3 - rohs-compliant, commercial grade ? base p/n-he3 - rohs-compliant, aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 mechanical data case: sot-23 weight: approx. 8.8 mg packaging codes/options: 18/10k per 13" reel (8 mm tape), 10k/box 08/3k per 7" reel (8 mm tape), 15k/box note (1) device on fiberglass substrate, see layout on next page top view top view bat54 bat54c bat54a bat54 s 1 3 1 3 1 3 1 2 2 2 2 3 parts table part ordering code internal construction type marking remarks bat54 bat54-e3-08 or bat54-e3-18 single diode l4 tape and reel bat54-he3-08 or bat54-he3-18 bat54a bat54a-e3-08 or bat54a-e3-18 dual diodes common anode l42 bat54a-he3-08 or bat54a-he3-18 bat54c bat54c-e3-08 or bat54c-e3-18 dual diodes common cathode l43 bat54c-he3-08 or bat54c-he3-18 bat54s bat54s-e3-08 or bat54s-e3-18 dual diodes serial l44 bat54s-he3-08 or bat54s-he3-18 absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit repetitive peak reverse voltage v rrm 30 v forward continuous current (1) i f 200 ma repetitive peak forward current (1) i frm 300 ma surge forward current (1) t p < 1 s i fsm 600 ma repetitive peak forward current p tot 230 mw thermal characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit thermal resistance junction to ambient air device on fiberglass substrate, see layout on next page r thja 430 k/w junction temperature t j 125 c storage temperature range t stg - 65 to + 150 c operating temperature range t op - 55 to + 125 c
bat54, bat54a, bat54c, bat54s www.vishay.com vishay semiconductors rev. 1.9, 25-feb-13 2 document number: 85508 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 layout for r thja test thickness: fiberglas 15 mm (0.059") copper leads 0.3 mm (0.012") typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - typical forward voltage forward current vs. various temperatures fig. 2 - diode capacitance vs. reverse voltage v r electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit reserve breakdown voltage i r = 100 a (pulsed) v (br) 30 v leakage current pulsed test t p < 300 s, ? <2 % at v r = 25 v i r 2a forward voltage i f = 0.1 ma, t p < 300 s, ? < 2 % v f 240 mv i f = 1 ma, t p < 300 s, ? < 2 % v f 320 mv i f = 10 ma, t p < 300 s, ? < 2 % v f 400 mv i f = 30 ma, t p < 300 s, ? < 2 % v f 500 mv i f = 100 ma, t p < 300 s, ? < 2 % v f 800 mv diode capacitance v r = 1 v, f = 1 mhz c d 10 pf reserve recovery time i f = 10 ma to i r = 10 ma, i r = 1 ma, r l = 100 ? t rr 5ns 17451 15 (0.59) 12 (0.47) 0.8 (0.03) 5 (0.2) 7.5 (0.3) 3 (0.12) 1 (0.4) 1 (0.4) 2 (0.8) 2 (0.8) 1.5 (0.06) 5.1 (0.2) 18867 1000 100 10 1 0.1 0.01 i - for w ard c u rrent (ma) f 00.4 0.6 1.2 1.4 0.8 1 0.2 v f - for w ard v oltage ( v ) = 125 c t j 25 c - 40 c 18868 10 14 12 2 4 0 0 4 12 16 20 24 28 c - typical capacitance (pf) d v r - re v erse v oltage ( v ) 6 8 8
bat54, bat54a, bat54c, bat54s www.vishay.com vishay semiconductors rev. 1.9, 25-feb-13 3 document number: 85508 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - typical variation of reverse current vs. various temperatures package dimensions in millimeters (inches): sot-23 100 1000 10 1 0.1 0.01 5101520 02530 v r - re v erse v oltage ( v ) i- re v erse c u rrent (a) r 18869 = 125 c t j 100 c 75 c 50 c 25 c foot print recommendation: rev. 8 - date: 23. s ept.2009 17418 document no.: 6.541-5014.01-4 0.9 (0.035) 1 (0.039) 0.9 (0.035) 1 (0.039) 1.43 (0.056) 0.45 (0.018) 0.35 (0.014) 2.8 (0.110) 3.1 (0.122) 0.45 (0.018) 0.35 (0.014) 0.45 (0.018) 0.35 (0.014) 0.1 (0.004) max. 2.35 (0.093) 2.6 (0.102) 0.175 (0.007) 0.098 (0.004) 1.15 (0.045) 0.9 (0.035) 1.20 (0.047) 0.95 (0.037) 0.95 (0.037) 2 (0.079) 0.7 (0.028) 0.9 (0.035) 0 to 8 0.2 (0.008) 0.3 (0.012) 0.5 (0.020) 0.550 ref. (0.022 ref.)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of BAT54-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X